Part Number Hot Search : 
M1200 AO6403L NTRLPB ALVC16 WNMD2165 NME480 AN2544 02050
Product Description
Full Text Search
 

To Download BAS70W-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70W/BAS70W-04 BAS70W-05/BAS70W-06
Surface Mount Schottky Barrier Diodes
Features:
*Extremely Fast Switching Speed *Low Forward Voltage *Very Small Conduction Losses *Schottky Barrier Diodes Encapsulated in a SOT-323 Package
SMALL SIGNAL SCHOTTKY DIODES 70m AMPERES 70 VOLTS
Description:
These schottky barrier diodes are designed for high speed switching applications circuit protection, and voltage clamping, Extremely low forward voltage reduces conduction loss, Miniature surface mount package is excellent for hand held and portable applications where space is limited.
1 2
3
SOT-323(SC-70)
Unit:mm
SOT-323 Outline Dimensions
A
T OP V IE W
B
C
D E G H K L
J
M
Dim A B C D E G H J K L M
SOT-323
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.00 0.80 0.42 0.10
Max 0.40 1.35 2.40 0.65 0.40 1.40 2.20 0.10 1.00 0.53 0.25
WEITRON
http://www.weitron.com.tw
BAS70W/BAS70W-04 BAS70W-05/BAS70W-06
Maximum Ratings
Characteristic
(TA=25 C Unless otherwise noted)
Symbol
VRRM VRRM VR VR(RMS) VR IFSM Pd RJA Tj TSTG
Value
70 49 70 100 200 625 -55 to + 150 -65 to + 150
Unit
V V mA mA mA KM C C
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (1) Non-Repetitive Peak Forward Surge Current @ tp 1.0s Power Dissipation (1) Thermal Resistance Junction to Ambient Air Operating Junction Temperure Range Storage Temperature Range
I
Electrical Characteristics
Characteristic
Reverse Breakdown Voltage (IR=10uA) Forward Voltage IF=1.0mA IF=15mA Total Capacitance (VR=0V, f=1.0MHz) Reverse Leakage VR=50V Reverse Recover Time IF=IR =10mA, IR(Rec)=1.0mA
Device Marking
Item
BAS70W BAS70W-05 BAS70W-06 BAS70W-04
Note: 1. Valid provided that terminals are kept at ambient temperature. 2. Test period 300us.
I
I
(TA=25 C Unless otherwise noted)
Symbol
V(BR)R VF
Min
70
Max
0.41 1.00 2
Unit
Volts Volts PF uAdc nS
CT IR
0.1
Trr
5.0
Marking
K73 K75 K76 K74
Eqivalent Circuit diagram
3 3 3 3 1 1 2 1 2 1 2
I
WEITRON
http://www.weitron.com.tw
BAS70W/BAS70W-04 BAS70W-05/BAS70W-06
Electrical Characteristic curves(Ta=25 C)
125 C
85 C 125 C 25 C
85 C
25 C
-40 C
FIG1 Forward currnet as function of forward
voltage; typical values.
FIG2 Reverse current as a function of reverse
voltage; typical values.
f=10KHZ
f=1KHZ Ta=25 C
FIG3 Differential forward resistance as a function
of forward current; typical values.
FIG4 Diode capacitance as a function of reverse
voltage; typical values.
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of BAS70W-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X